Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2871 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2871
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2871 Datasheet HTML 10Page - Linear Technology LTC2871 Datasheet HTML 11Page - Linear Technology LTC2871 Datasheet HTML 12Page - Linear Technology LTC2871 Datasheet HTML 13Page - Linear Technology LTC2871 Datasheet HTML 14Page - Linear Technology LTC2871 Datasheet HTML 15Page - Linear Technology LTC2871 Datasheet HTML 16Page - Linear Technology LTC2871 Datasheet HTML 17Page - Linear Technology LTC2871 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM2881
14
2881fe
APPLICATIONS INFORMATION
Switchable Termination
Proper cable termination is very important for signal fi-
delity. If the cable is not terminated with its characteristic
impedance, reflections will distort the signal waveforms.
The integrated switchable termination resistor provides
logic control of the line termination for optimal perfor-
mance when configuring transceiver networks.
When the TE pin is high, the termination resistor is enabled
and the differential resistance from A to B is 120Ω. Figure
11 shows the I/V characteristics between pins A and B
with the termination resistor enabled and disabled. The
resistance is maintained over the entire RS485 common
mode range of –7V to 12V as shown in Figure 12. The
integrated termination resistor has a high frequency re-
sponse which does not limit performance at the maximum
specified data rate. Figure 13 shows the magnitude and
Figure 13. Termination Magnitude and Phase vs Frequency
Figure 12. Termination Resistance vs Common Mode Voltage
Figure 11. Curve Trace Between A and B with Termination
Enabled and Disabled
2881 F11
COMMON MODE VOLTAGE (V)
130
128
126
124
122
120
118
116
114
112
110
2881 G11
15
10
5
–5
0
–10
FREQUENCY (MHz)
150
140
130
120
110
100
10
0
–10
–20
–30
–40
2881 F13
10
1
0.1
PHASE
MAGNITUDE
Figure 14. Supply Current vs Data Rate
DATA RATE (Mbps)
2881 F14
10
1
0.1
250
230
210
190
170
150
130
110
90
70
50
LTM2881-3
R=54 CL=1000p
R=54 CL=100p
R=54 CL=0
LTM2881-5
R=54 CL=1000p
R=54 CL=100p
R=54 CL=0
phase of the termination impedance versus frequency.
The termination resistor cannot be enabled by TE if the
device is unpowered, ON is low or the LTM2881 is in
thermal shutdown.
Supply Current
The static supply current is dominated by power delivered to
the termination resistance. Power supply current increases
with data rate due to capacitive loading. Figure 14 shows
supply current versus data rate for three different loads
for the circuit configuration of Figure 4. Supply current
increases with additional external applications drawing
current from VCC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com