Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2871 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2871
Description  Complete Isolated RS485/RS422 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871 Datasheet(HTML) 2 Page - Linear Technology

  LTC2871 Datasheet HTML 1Page - Linear Technology LTC2871 Datasheet HTML 2Page - Linear Technology LTC2871 Datasheet HTML 3Page - Linear Technology LTC2871 Datasheet HTML 4Page - Linear Technology LTC2871 Datasheet HTML 5Page - Linear Technology LTC2871 Datasheet HTML 6Page - Linear Technology LTC2871 Datasheet HTML 7Page - Linear Technology LTC2871 Datasheet HTML 8Page - Linear Technology LTC2871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM2881
2
2881fe
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................. –0.3V to 6V
VCC2 to GND2............................................... –0.3V to 6V
VL to GND .................................................... –0.3V to 6V
Interface Voltages
(A, B, Y, Z) to GND2........................ VCC2 –15V to 15V
(A-B) with Terminator Enabled..............................±6V
Signal Voltages ON, RO, DI, DE,
RE, TE, DOUT to GND......................... –0.3V to VL +0.3V
Signal Voltages SLO,
DIN to GND2....................................–0.3V to VCC2 +0.3V
Operating Temperature Range
LTM2881C ............................................... 0°C to 70°C
LTM2881I.............................................–40°C to 85°C
LTM2881H ......................................... –40°C to 105°C
LTM2881MP ...................................... –55°C to 105°C
Maximum Internal Operating Temperature ....... 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Package Body Reflow Temperature .............. 245°C
(Note 1)
BGA PACKAGE
32-PIN (15mm
11.25mm
3.42mm)
TJMAX = 125°C,
JA = 32.2°C/W,
JCTOP = 27.2°C/W,
JCBOTTOM = 20.9°C/W,
JB = 26.4°C/W,
WEIGHT = 1g
LGA PACKAGE
32-PIN (15mm
11.25mm
2.8mm)
TJMAX = 125°C,
JA = 31.1°C/W,
JCTOP = 27.3°C/W,
JCBOTTOM = 19.5°C/W,
JB = 25.1°C/W,
WEIGHT = 1g
TOP VIEW
SLO
DIN
RO VL ON
RE
DE
DI
TE
DOUT
1
A
B
C
D
E
F
G
H
J
K
L
2345678
VCC2
Z
GND2
GND
BA
Y
VCC
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM2881CY-3#PBF
LTM2881CY-3#PBF
LTM2881Y-3
32-Pin (15mm
× 11.25mm × 3.42mm) BGA 0°C to 70°C
LTM2881IY-3#PBF
LTM2881IY-3#PBF
LTM2881Y-3
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –40°C to 85°C
LTM2881HY-3#PBF
LTM2881HY-3#PBF
LTM2881Y-3
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –40°C to 105°C
LTM2881MPY-3#PBF
LTM2881MPY-3#PBF
LTM2881Y-3
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –55°C to 105°C
LTM2881CY-5#PBF
LTM2881CY-5#PBF
LTM2881Y-5
32-Pin (15mm
× 11.25mm × 3.42mm) BGA 0°C to 70°C
LTM2881IY-5#PBF
LTM2881IY-5#PBF
LTM2881Y-5
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –40°C to 85°C
LTM2881HY-5#PBF
LTM2881HY-5#PBF
LTM2881Y-5
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –40°C to 105°C
LTM2881MPY-5#PBF
LTM2881MPY-5#PBF
LTM2881Y-5
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –55°C to 105°C
LTM2881CV-3#PBF
LTM2881CV-3#PBF
LTM2881V-3
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
0°C to 70°C
LTM2881IV-3#PBF
LTM2881IV-3#PBF
LTM2881V-3
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
–40°C to 85°C
LTM2881HV-3#PBF
LTM2881HV-3#PBF
LTM2881V-3
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
–40°C to 105°C
LTM2881CV-5#PBF
LTM2881CV-5#PBF
LTM2881V-5
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
0°C to 70°C
LTM2881IV-5#PBF
LTM2881IV-5#PBF
LTM2881V-5
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
–40°C to 85°C
LTM2881HV-5#PBF
LTM2881HV-5#PBF
LTM2881V-5
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com