Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1021 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1021
Description  Ultra Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021 Datasheet(HTML) 5 Page - Linear Technology

  LT1021 Datasheet HTML 1Page - Linear Technology LT1021 Datasheet HTML 2Page - Linear Technology LT1021 Datasheet HTML 3Page - Linear Technology LT1021 Datasheet HTML 4Page - Linear Technology LT1021 Datasheet HTML 5Page - Linear Technology LT1021 Datasheet HTML 6Page - Linear Technology LT1021 Datasheet HTML 7Page - Linear Technology LT1021 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTZ1000/LTZ1000A
5
1000afd
Typical applicaTions
Negative Voltage Reference
–
+
–
+
LT1013
1N4148
1N4148
ZENER – FORCE
ZENER – SENSE
ZENER + SENSE
2
2
7
7
3
3
4
1
1
0.022µF
0.1µF
0.1µF
V– ≥ 10V
4
6
5
400k*
R1
R2
R3
R4/R5 RATIO
100ppm =
∆R()
0.012
7
7
∆R = 0.01%
∆VZ
1ppm
0.3ppm
0.2ppm
1ppm
*PROVIDES TEMPERATURE COMPENSATION, DELETE FOR LTZ1000A
BOTH A1 AND A2 CONTRIBUTE LESS THAN 2µV OF OUTPUT DRIFT OVER A 50°C RANGE
APPROXIMATE CHANGE IN REFERENCE VOLTAGE FOR A 100ppm CHANGE IN RESISTOR VALUES:
2N3904
1k
10k
1M
8
V+ 15V
GND
LT1013
8
5
R2
70k
R5
1k
R4
13k
R3
70k
R1
120
1000 TA02
Setting Control Temperature
The emitter-base voltage of the control transistor sets the
stabilization temperature for the LTZ1000. With the values
given in the applications, temperature is normally 60°C.
This provides 15°C of margin above a maximum ambient
of45°C,forexample.Productionvariationsinemitter-base
voltage will typically cause about ±10°C variation. Since
the emitter-base voltage changes about 2mV/°C and is
very predictable, other temperatures are easily set.
Becausehighertemperaturesaccelerateaginganddecrease
long-termstability,thelowesttemperatureconsistentwith
the operating environment should be used. The LTZ1000A
should be set about 10°C higher than the LTZ1000. This
is because normal operating power dissipation in the
LTZ1000A causes a temperature rise of about 10°C. Of
course both types of devices should be insulated from
ambient. Several minutes of warm-up is usual.
For applications not requiring the extreme precision or
the low noise of the LTZ1000, Linear Technology makes a
broad line of voltage references. Devices like the LT1021
can provide drifts as low as 2ppm/°C and devices such as
the LM399A can provide drifts of 1ppm/°C. Only applica-
tions requiring the very low noise or low drift with time of
the LTZ1000 should use this device. See Application Notes
AN-82andAN-86forfurtherinformation.ConsulttheLinear
Technology Applications department for additional help.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com