Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1021 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1021
Description  Ultra Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021 Datasheet(HTML) 1 Page - Linear Technology

  LT1021 Datasheet HTML 1Page - Linear Technology LT1021 Datasheet HTML 2Page - Linear Technology LT1021 Datasheet HTML 3Page - Linear Technology LT1021 Datasheet HTML 4Page - Linear Technology LT1021 Datasheet HTML 5Page - Linear Technology LT1021 Datasheet HTML 6Page - Linear Technology LT1021 Datasheet HTML 7Page - Linear Technology LT1021 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTZ1000/LTZ1000A
1
1000afd
Typical applicaTion
FeaTures
applicaTions
DescripTion
Ultra Precision Reference
The LTZ1000 and LTZ1000A are ultra-stable temperature
controllable references. They are designed to provide 7V
outputs with temperature drifts of 0.05ppm/°C, about
1.2µVP-P of noise and long-term stability of 2µV/√kHr.
Included on the chip is a subsurface zener reference, a
heater resistor for temperature stabilization, and a tem-
perature sensing transistor. External circuitry is used to
set operating currents and to temperature stabilize the
reference. This allows maximum flexibility and best long-
term stability and noise.
The LTZ1000 and LTZ1000A references can provide su-
perior performance to older devices such as the LM199,
provided that the user implements the heater control and
properly manages the thermal layout. To simplify thermal
insulation, the LTZ1000A uses a proprietary die attach
method to provide significantly higher thermal resistance
than the LTZ1000.
Low Noise Reference
n
1.2µVP-P Noise
n
2µV/√kHr Long-Term Stability
n
Very Low Hysteresis
n
0.05ppm/°C Drift
n
Temperature Stabilized
n
400°C/W Thermal Resistance for LTZ1000A Reduces
Insulation Requirements
n
Specified for –55°C to 125°C Temperature Range
n
Offered in TO-99 package
n
Voltmeters
n
Calibrators
n
Standard Cells
n
Scales
n
Low Noise RF Oscillators
Long-Term Stability
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
–
+
LTZ1000
OUTPUT
1N4148
LT®1006
VIN ≥ 10V
30k
3
7
4
6
2
0.02µF
120
1000 TA01
DAYS
0
–2
0
2
10
LONG-TERM STABILITY OF A TYPICAL DEVICE FROM TIME = 0
WITH NO PRECONDITIONING OR AGING
1000 TA01b
30
20


Similar Part No. - LT1021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021 LINER-LT1021 Datasheet
227Kb / 16P
Precision Reference
LT1021 LINER-LT1021 Datasheet
228Kb / 16P
Precision Reference
LT1021 LINER-LT1021 Datasheet
238Kb / 16P
Precision Reference
LT1021-10 LINER-LT1021-10 Datasheet
227Kb / 16P
Precision Reference
LT1021-5 LINER-LT1021-5 Datasheet
227Kb / 16P
Precision Reference
More results

Similar Description - LT1021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
Ultra Precision Reference
LTZ1000 LINER-LTZ1000_06 Datasheet
134Kb / 8P
Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
127Kb / 8P
Ultra Precision Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
Ultra Low Noise, Precision Voltage Reference
November 21, 2012
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
Ultra Precision Reference
LTZ1000A LINER-LTZ1000A_15 Datasheet
166Kb / 8P
Ultra Precision Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com