Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button AP02002_12 Datasheet HTML 19Page - Diodes Incorporated AP02002_12 Datasheet HTML 20Page - Diodes Incorporated AP02002_12 Datasheet HTML 21Page - Diodes Incorporated AP02002_12 Datasheet HTML 22Page - Diodes Incorporated AP02002_12 Datasheet HTML 23Page - Diodes Incorporated AP02002_12 Datasheet HTML 24Page - Diodes Incorporated AP02002_12 Datasheet HTML 25Page - Diodes Incorporated AP02002_12 Datasheet HTML 26Page - Diodes Incorporated AP02002_12 Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
AP02002 Rev. 60
23 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
POWERDI
®
5
POWERDI
®
5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.054 Typ
E
6.40
6.60
e
1.84 Typ
E1
5.30
5.45
E2
3.549 Typ
L
0.75
0.95
L1
0.50
0.6
W
1.10
1.41
All Dimensions in mm
POWERDI
®
5SP
POWERDI
®
5SP
Dim
Min
Max
Typ
A
−
0.75
−
b
4.30
4.50
4.40
c
0.155
0.195
−
D
5.70
5.90
5.80
D2
4.40
−
−
E
23.6
24.0
23.8
E1
5.70
5.90
5.80
E2
2.74
−
−
H1
0.19
0.21
0.20
J
−
−
0.20
K
−
−
0.30
L
−
−
9.00
L1
−
−
2.50
M
−
−
0.30
N
0
0.20
−
R
−
−
0.40
R1
−
−
0.15
R2
−
−
0.25
R3
−
−
0.40
Θ
8º
12º
−
Θ1
3º
7º
−
All Dimensions in mm
E
E1
b1
A
A2
A2
D
b2
b1
e
D2
L
E2
L1
W
b 2x
E
E1
D
E2
D2
W
E/2
TOP VIEW
BOTTOM VIEW
L 2x
N 8x
M 4x
8x cut faces are not
tin plated
c
?
A
R2
R1
' ?1
L1
K 4x
J 4x
H1
Cutting Burr Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com