Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 44 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 44 Page - Diodes Incorporated

Back Button AP02002_12 Datasheet HTML 40Page - Diodes Incorporated AP02002_12 Datasheet HTML 41Page - Diodes Incorporated AP02002_12 Datasheet HTML 42Page - Diodes Incorporated AP02002_12 Datasheet HTML 43Page - Diodes Incorporated AP02002_12 Datasheet HTML 44Page - Diodes Incorporated AP02002_12 Datasheet HTML 45Page - Diodes Incorporated AP02002_12 Datasheet HTML 46Page - Diodes Incorporated AP02002_12 Datasheet HTML 47Page - Diodes Incorporated AP02002_12 Datasheet HTML 48Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
AP02002 Rev. 60
44 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
GBU
GBU
Dim
Min
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
F
1.95
2.35
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
3.2 X 45
°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
O
1.90R
P
0.76
1.0
All Dimensions in mm
ITO-220AB
ITO-220AB
Dim
Min
Typ
Max
A
4.50
4.70
4.90
A1
3.04
3.24
3.44
A2
2.56
2.76
2.96
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
c
0.50
0.60
0.70
D
15.67 15.87 16.07
D1
8.99
9.19
9.39
e
2.54
E
9.91 10.11 10.31
L
9.45
9.75 10.05
L1
15.80 16.00 16.20
P
2.98
3.18
3.38
Q
3.10
3.30
3.50
All Dimensions in mm
ITO-220S
ITO-220S
Dim
Min
Typ
Max
A
4.52
4.62
4.57
A1
1.17
1.39
-
A2
2.57
2.77
2.67
b
0.72
0.95
0.84
b2
1.15
1.34
1.26
c
0.356
0.61
-
D
14.22
16.51
15.00
D1
8.60
8.80
8.70
D2
13.68
14.08
-
e
2.49
2.59
2.54
e1
4.98
5.18
5.08
E
10.01
10.21
10.11
E1
6.86
8.89
-
H1
5.85
6.85
-
L
13.30
13.90
13.60
L1
-
4.00
-
P
3.54
4.08
-
Q
2.54
3.42
-
All Dimensions in mm
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
O
5°
5°
5°
5°
10°
E
Q
D
D1
L1
3 x b1
3 x b
2 x e
L
ØP
A
A1
A2
c
12
3
E
D1
L
b2
b
e
A2
+
A
D
7 Ref
°
5 Ref
°
+
D2
H1
E1
5 Ref
°
A1
c
e1
Q
ØP
1.7 Ref
5 Ref
°
5 Ref
°
L1
Ø1.5
Dp 0.1 max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com