Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDJ8232B5MB Datasheet(PDF) 8 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 4Page - Elpida Memory EDJ8232B5MB Datasheet HTML 5Page - Elpida Memory EDJ8232B5MB Datasheet HTML 6Page - Elpida Memory EDJ8232B5MB Datasheet HTML 7Page - Elpida Memory EDJ8232B5MB Datasheet HTML 8Page - Elpida Memory EDJ8232B5MB Datasheet HTML 9Page - Elpida Memory EDJ8232B5MB Datasheet HTML 10Page - Elpida Memory EDJ8232B5MB Datasheet HTML 11Page - Elpida Memory EDJ8232B5MB Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
8
Recommended DC Operating Conditions (TC = 0
C to +85C, VDD, VDDQ = 1.5V  0.075V)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD
1.425
1.5
1.575
V
1, 2
Supply voltage for DQ
VDDQ
1.425
1.5
1.575
V
1, 2
Notes: 1. Under all conditions VDDQ must be less than or equal to VDD.
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
AC and DC Input Measurement Levels (TC = 0
C to +85C, VDD, VDDQ = 1.5V  0.075V)
Single-Ended AC and DC Input Levels for Command and Address
Parameter
Symbol
min.
typ.
max.
Unit
Notes
DC input logic high
VIHCA (DC100)
VREF
 0.100
VDD
V
1, 5
DC input logic low
VILCA (DC100)
VSS
VREF
 0.100
V
1, 6
AC input logic high
VIHCA (AC175)
VREF
 0.175

*2
V
1, 2, 7
AC input logic low
VILCA (AC175)
*2
VREF
 0.175
V
1, 2, 8
AC input logic high
VIHCA (AC150)
VREF
 0.150
*2
V
1, 2, 7
AC input logic low
VILCA (AC150)
*2
VREF
 0.150
V
1, 2, 8
Input reference voltage
for address, command
inputs
VREFCA (DC)
0.49
 VDD
0.51
 VDD
V
3, 4
Notes: 1. For input only pins except /RESET; VREF = VREFCA (DC).
2. See Overshoot and Undershoot Specifications section.
3. The AC peak noise on VREF may not allow VREF to deviate from VREFCA (DC) by more than
1% VDD
(for reference: approx.
15 mV).
4. For reference: approx. VDD/2
15 mV.
5. VIH (DC) is used as a simplified symbol for VIHCA (DC100)
6. VIL (DC) is used as a simplified symbol for VILCA (DC100)
7. VIH (AC) is used as a simplified symbol for VIHCA (AC175) and VIHCA (AC150); VIHCA (AC175) value
is used when VREF + 0.175V is referenced, and VIHCA (AC150) value is used when VREF + 0.150V is
referenced.
8. VIL (AC) is used as a simplified symbol for VILCA (AC175) and VILCA (AC150) ; VILCA (AC175) value is
used when VREF
 0.175V is referenced, and VILCA (AC150) value is used when VREF  0.150V is
referenced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com