Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDJ8232B5MB Datasheet(PDF) 2 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 2 Page - Elpida Memory

  EDJ8232B5MB Datasheet HTML 1Page - Elpida Memory EDJ8232B5MB Datasheet HTML 2Page - Elpida Memory EDJ8232B5MB Datasheet HTML 3Page - Elpida Memory EDJ8232B5MB Datasheet HTML 4Page - Elpida Memory EDJ8232B5MB Datasheet HTML 5Page - Elpida Memory EDJ8232B5MB Datasheet HTML 6Page - Elpida Memory EDJ8232B5MB Datasheet HTML 7Page - Elpida Memory EDJ8232B5MB Datasheet HTML 8Page - Elpida Memory EDJ8232B5MB Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
2
Ordering Information
Part number
Revision
Organization
(words
 bits)
Internal
banks
JEDEC speed bin
(CL-tRCD-tRP)
Package
EDJ8232B5MB-GN-F
EDJ8232B5MB-DJ-F
5
256M
 32
8
DDR3-1600K (11-11-11)
DDR3-1333H (9-9-9)
136-ball FBGA (DDP)
Part Number
Elpida Memory
Density / Bank
82: 8Gb / 8-bank
Organization
32 x32
Power Supply, Interface
B: 1.5V, SSTL_15
Revision
Package
MB: Stacked FBGA
Speed
GN: DDR3-1600K (11-11-11)
DJ:
DDR3-1333H (9-9-9)
Product Family
J: DDR3
Type
D: Packaged Device
E D J 82 32 B 5 MB - GN- F
Environment code
F: Lead Free (RoHS compliant)
and Halogen Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com