Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50DX128CMB7 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MK50DX128CMB7
Description  K50 Sub-Family
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK50DX128CMB7 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MK50DX128CMB7 Datasheet HTML 17Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 18Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 19Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 20Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 21Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 22Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 23Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 24Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
5.3.2 General switching specifications
These general purpose specifications apply to all signals configured for GPIO, UART,
CMT, and I2C signals.
Table 9. General switching specifications
Symbol
Description
Min.
Max.
Unit
Notes
GPIO pin interrupt pulse width (digital glitch filter
disabled) — Synchronous path
1.5
—
Bus clock
cycles
1, 2
GPIO pin interrupt pulse width (digital glitch filter
disabled, analog filter enabled) — Asynchronous path
100
—
ns
3
GPIO pin interrupt pulse width (digital glitch filter
disabled, analog filter disabled) — Asynchronous path
16
—
ns
3
External reset pulse width (digital glitch filter disabled)
100
—
ns
3
Mode select (EZP_CS) hold time after reset
deassertion
2
—
Bus clock
cycles
Port rise and fall time (high drive strength)
• Slew disabled
• 1.71 ≤ VDD ≤ 2.7V
• 2.7 ≤ VDD ≤ 3.6V
• Slew enabled
• 1.71 ≤ VDD ≤ 2.7V
• 2.7 ≤ VDD ≤ 3.6V
—
—
—
—
12
6
36
24
ns
ns
ns
ns
4
Port rise and fall time (low drive strength)
• Slew disabled
• 1.71 ≤ VDD ≤ 2.7V
• 2.7 ≤ VDD ≤ 3.6V
• Slew enabled
• 1.71 ≤ VDD ≤ 2.7V
• 2.7 ≤ VDD ≤ 3.6V
—
—
—
—
12
6
36
24
ns
ns
ns
ns
5
1. This is the minimum pulse width that is guaranteed to pass through the pin synchronization circuitry. Shorter pulses may or
may not be recognized. In Stop, VLPS, LLS, and VLLSx modes, the synchronizer is bypassed so shorter pulses can be
recognized in that case.
2. The greater synchronous and asynchronous timing must be met.
3. This is the minimum pulse width that is guaranteed to be recognized as a pin interrupt request in Stop, VLPS, LLS, and
VLLSx modes.
4. 75pF load
5. 15pF load
5.4 Thermal specifications
General
K50 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com