Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50DX128CMB7 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MK50DX128CMB7
Description  K50 Sub-Family
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK50DX128CMB7 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MK50DX128CMB7 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 15Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 16Page - Freescale Semiconductor, Inc MK50DX128CMB7 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
3. All analog pins are internally clamped to VSS and VDD through ESD protection diodes. If VIN is greater than VAIO_MIN
(=VSS-0.3V) and VIN is less than VAIO_MAX(=VDD+0.3V) is observed, then there is no need to provide current limiting
resistors at the pads. If these limits cannot be observed then a current limiting resistor is required. The negative DC
injection current limiting resistor is calculated as R=(VAIO_MIN-VIN)/|IIC|. The positive injection current limiting resistor is
calcualted as R=(VIN-VAIO_MAX)/|IIC|. Select the larger of these two calculated resistances.
5.2.2 LVD and POR operating requirements
Table 2. VDD supply LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
0.8
1.1
1.5
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
2.48
2.56
2.64
V
VLVW1H
VLVW2H
VLVW3H
VLVW4H
Low-voltage warning thresholds — high range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
2.62
2.72
2.82
2.92
2.70
2.80
2.90
3.00
2.78
2.88
2.98
3.08
V
V
V
V
1
VHYSH
Low-voltage inhibit reset/recover hysteresis —
high range
—
±80
—
mV
VLVDL
Falling low-voltage detect threshold — low range
(LVDV=00)
1.54
1.60
1.66
V
VLVW1L
VLVW2L
VLVW3L
VLVW4L
Low-voltage warning thresholds — low range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
1.74
1.84
1.94
2.04
1.80
1.90
2.00
2.10
1.86
1.96
2.06
2.16
V
V
V
V
1
VHYSL
Low-voltage inhibit reset/recover hysteresis —
low range
—
±60
—
mV
VBG
Bandgap voltage reference
0.97
1.00
1.03
V
tLPO
Internal low power oscillator period — factory
trimmed
900
1000
1100
μs
1. Rising thresholds are falling threshold + hysteresis voltage
Table 3. VBAT power operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR_VBAT Falling VBAT supply POR detect voltage
0.8
1.1
1.5
V
General
K50 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com