Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912JP812AMAF Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MM912JP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912JP812AMAF Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MM912JP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
MM912_P812
PIN CONNECTIONS
MAXIMUM RATINGS
MAXIMUM RATINGS
ANALOG MC33812 PARAMETRICS
The detailed MC33812 specifications can be found in the MC33812 data sheet. See MC33812.
MICROCONTROLLER S12P PARAMETRICS
The detailed S12P specifications can be found in the MC9S12P128 reference manual. See MC9S12P128.
Table 5. MM912_P812 Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Symbol
Rating
Value
Unit
Notes
ELECTRICAL RATINGS
VESD1
VESD2
VESD3
VESD4
ESD Voltage
Human Body Model
Machine Model
Charge Device Model (Corner pins)
Charge Device Model
±2000
±200
±750
±500
V
(11)
THERMAL RATINGS
TA
TJ
TC
Operating Temperature
Ambient
Junction
Case
-40 to 125
-40 to 150
-40 to 125
°C
TSTG
Storage Temperature
-55 to 150
°C
PD
Power Dissipation (TA = 25°C)
1.7
W
(14)
TSOLDER
Peak Package Reflow Temperature During Solder Mounting
Note 13
°C
(12), (13)
RθJA
RθJL
RθJC
Thermal Resistance
Junction-to-Ambient
Junction- to-Lead
Junction-to-Flag
75
8.0
1.2
°C/W
Notes
11.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF).
12.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
13.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts (i.e. MC33xxxD enter 33xxx), and review parametrics.
14.
This parameter is guaranteed by design but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com