Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912JP812AMAF Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MM912JP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912JP812AMAF Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MM912JP812AMAF Datasheet HTML 1Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 2Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 3Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912JP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
MM912_P812
ORDERABLE PARTS
ORDERABLE PARTS
This section describes the part numbers available to be purchased along with their differences. Valid orderable part numbers
are provided on the web. To determine the orderable part numbers for this device, go to http://www.freescale.com and perform
a part number search for the following device numbers.
Figure 2. MM912_P812 Detailed Application Diagram
Table 1. Orderable Part Variations
Part Number (3)
Processor Core
Flash Memory
RAM
Temperature (TA)
Package
MM912IP812AMAF
S12P
96 k
6.0 k
-40 to 125 °C
100 pin LQFP
MM912JP812AMAF
128 k
Notes
3.
To Order parts in Tape & Reel, add the R2 suffix to the part number.
Table 2. Calibration Tools
Part Number
Processor Core
Contact
PM912NE812AMAF
S12XEP100
Contact Sales
MRX
33812
VBAT
LAMPOUT
RESET
ROUT
RELAY OR
MIL
VBAT
RESET
VDD
MTX
INJIN
VCCSENS
DGND
+5.0 V
IGNIN
IGNOUTH
ISO9141
ISO9141
IGNFB
VCCREF
INJOUT
INJECTOR
VBAT
VBAT
*PT2
RXD
TXD
PGND1,2
WD_INH
TM_EN, TEST2
*PT0
*PT4
WDRFSH
INJFLT
IGNFLT
*PE6
*PA1
LAMPIN
RIN
PT1
PB3
VBAT
IGNSUP
PNP
IGNOUTL
OTHER LOAD
VPWR
Notes:
*PA5
RELFLT
+5.0 V
VPWR
recommended on VPWR
S12P
EP
PAD0
PAD1
PAD2
PAD3
PAD4
PAD5
PAD6
PAD7
EXTAL
XTAL
VSS
PAD9
2) Not all connections on MCU
1)Surge Voltage protection
shown
MOSI
SS
SCK
MISO
IRQ
PM1/TXCAN
PM0/RXCAN
* I/O pins indicated are examples only and not necessarily recommendations
MM912_P812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com