Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA65XX Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA65XX
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA65XX Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA65XX Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
21
MMA65xx
3.1.12
Count Register (COUNT)
The count register is a read-only register which provides the current value of a free-running 8-bit counter derived from the pri-
mary oscillator. A 10-bit pre-scaler divides the primary oscillator frequency by 1024. Thus, the value in the register increases by
one count every 128
μs and the counter rolls over every 32.768 ms.
3.1.13
Offset Correction Value Registers (OFFCORR_X, OFFCORR_Y)
The offset correction value registers are read-only registers which contain the most recent offset correction increment / dec-
rement value from the offset cancellation circuit. The values stored in these registers indicate the amount of offset correction be-
ing applied to the SPI output data. The values have a resolution of 1 LSB.
3.1.14
Reserved Registers (Reserved)
Registers $1C and $1D are reserved. A write to the reserved bits must always be logic ‘0’ for normal device operation and
performance.
3.2
Customer Accessible Data Array CRC Verification
3.2.1
OTP Shadow Register Array CRC Verification
The OTP shadow register array is verified for errors using a 3-bit CRC. The CRC verification uses a generator polynomial of
g(x) = X3 + X + 1, with a seed value = ‘111’. If a CRC error is detected in the OTP array, the IDE bit is set in the DEVSTAT register.
3.2.2
Writable Register CRC Verification
The writable registers in the data array are verified for errors using a 3-bit CRC. The CRC verification is enabled only when
the ENDINIT bit is set in the DEVCFG register. The CRC verification uses a generator polynomial of g(x) = X3+X+1, with a seed
value = ‘111’. If a CRC error is detected in the writable register array, the IDE bit is set in the DEVSTAT register.
Table 23. Count Register
Location
Bit
Address
Register
7654
3210
$15
COUNT
COUNT[7]
COUNT[6]
COUNT[5]
COUNT[4]
COUNT[3]
COUNT[2]
COUNT[1]
COUNT[0]
Reset Value
0000
0000
Table 24. Offset Correction Value Register
Location
Bit
Address
Register
7654
3210
$16
OFFCORR_
X
OFFCORR_
X[7]
OFFCORR_
X[6]
OFFCORR_
X[5]
OFFCORR_
X[4]
OFFCORR_
X[3]
OFFCORR_
X[2]
OFFCORR_
X[1]
OFFCORR_
X[0]
$17
OFFCORR_
Y
OFFCORR_
Y[7]
OFFCORR_
Y[6]
OFFCORR_
Y[5]
OFFCORR_
Y[4]
OFFCORR_
Y[3]
OFFCORR_
Y[2]
OFFCORR_
Y[1]
OFFCORR_
Y[0]
Reset Value
0000
0000
Table 25. Reserved Registers
Location
Bit
Address
Register
7654
3210
$1C
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
$1D
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reset Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com