Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA65XX Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA65XX
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA65XX Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA65XX Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA65XX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Sensor
2
Freescale Semiconductor, Inc.
MMA65xx
Figure 1. Application Diagram
Table 1. External Component Recommendations
Ref Des
Type
Description
Purpose
C1
Ceramic
0.1
μF, 10%, 10V Minimum, X7R
VCC Power Supply Decoupling
C2
Ceramic
1
μF, 10%, 10V Minimum, X7R
Voltage Regulator Output Capacitor (CVREG)
C3
Ceramic
1
μF, 10%, 10V Minimum, X7R
Voltage Regulator Output Capacitor (CVREGA)
C3
C1
C2
VCC
MMA65xx
VCC
VREG
VREGA
VSS
VPP/TEST
CS
SCLK
MOSI
MISO
ARM_X
ARM_Y
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com