Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7660FCT Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA7660FCT
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FCT Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA7660FCT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
6
MMA7660FC
Figure 1. Pinout
Table 1. Pin Description
Figure 2. I2C Connection to MCU
RESERVED
DVDD
DVSS
SDA
SCL
RESERVED
N/C
AVDD
AVSS
INT
Top View
1
2
3
4
5
6
7
8
9
10
Pin #
Pin Name
Description
Pin
Status
1
RESERVED
Connect to AVSS
Input
2
N/C
No Internal Connection, leave
unconnected or connect to Ground
Input
3
AVDD
Device Power
Input
4
AVSS
Device Ground
Input
5INT
Interrupt/Data Ready
Output
6SCL
I2C Serial Clock
Input
7SDA
I2C Serial Data
Open
Drain
8
DVSS
Digital I/O Ground
Input
9
DVDD
Digital I/O Power
Input
10
RESERVED
Connect to AVSS
Input
RESERVED
DVDD
DVSS
SDA
SCL
RESERVED
N/C
AVDD
AVSS
INT
1
2
3
56
7
8
9
10
4
GND
VDD
VDD
VDD
GND
MMA7660FC
SDA
SCL
INT
MCU
R1
4.70 K
R2
4.70 K
NOTE: A 0.1
μF ceramic capacitor can be placed connecting pin 3 (AVDD) to pin 4 (AVSS). In addition, another 0.1 μF
ceramic capacitor can be place connecting pin 9 (DVDD) to pin 8 (DVSS). The capacitors should be placed close
to the pins of the MMA7660FC and is recommended for testing and to adequately decouple the accelerometer
from noise on the power supply.
U13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com