Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7660FCT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA7660FCT
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FCT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA7660FCT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Document Number: MMA7660FC
Rev 8, 03/2012
Freescale Semiconductor
Data Sheet: Technical Data
An Energy Efficient Solution by Freescale
© 2009-2012 Freescale Semiconductor, Inc. All rights reserved.
3-Axis Orientation/Motion
Detection Sensor
The MMA7660FC is a ±1.5 g 3-Axis Accelerometer with Digital Output
(I2C). It is a very low power, low profile capacitive MEMS sensor featuring a
low pass filter, compensation for 0g offset and gain errors, and conversion to
6-bit digital values at a user configurable samples per second. The device can
be used for sensor data changes, product orientation, and gesture detection
through an interrupt pin (INT). The device is housed in a small 3mm x 3mm x
0.9mm DFN package.
Features
•
Digital Output (I2C)
•
3mm x 3mm x 0.9mm DFN Package
•
Low Power Current Consumption: Off Mode: 0.4 µA,
Standby Mode: 2 µA, Active Mode: 47 µA at 1 ODR
•
Configurable Samples per Second from 1 to 120 samples a second.
•
Low Voltage Operation:
–
Analog Voltage: 2.4 V - 3.6 V
–
Digital Voltage: 1.71 V - 3.6 V
•
Auto-Wake/Sleep Feature for Low Power Consumption
•
Tilt Orientation Detection for Portrait/Landscape Capability
•
Gesture Detection Including Shake Detection and Tap Detection
•
Robust Design, High Shocks Survivability (10,000 g)
•
RoHS Compliant
•
Halogen Free
•
Environmentally Preferred Product
•
Low Cost
Typical Applications
•
Mobile Phone/ PMP/PDA: Orientation Detection (Portrait/Landscape),
Image Stability, Text Scroll, Motion Dialing, Tap to Mute
•
Laptop PC: Anti-Theft
•
Gaming: Motion Detection, Auto-Wake/Sleep For Low Power
Consumption
•
Digital Still Camera: Image Stability
ORDERING INFORMATION
Part Number
Temperature Range
Package
Shipping
MMA7660FCT
–40 to +85°C
DFN-10
Tray
MMA7660FCR1
–40 to +85°C
DFN-10
7” Tape & Reel
N/C
DVDD
DVSS
SDA
SCL
RESERVED
N/C
AVDD
AVSS
INT
1
2
3
4
5
6
7
8
9
10
Figure 1. Pin Connections
RESERVED
10 LEAD
DFN
CASE 2002-03
MMA7660FC
MMA7660FC: XYZ-AXIS
ACCELEROMETER
±1.5 g
Bottom View
Top View


Similar Part No. - MMA7660FCT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FCT FREESCALE-MMA7660FCT Datasheet
803Kb / 34P
3-Axis Orientation/Motion Detection Sensor
logo
NXP Semiconductors
MMA7660FCT NXP-MMA7660FCT Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
More results

Similar Description - MMA7660FCT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
3-Axis Orientation/Motion Detection Sensor
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
logo
Bosch Sensortec GmbH
BNO055 BOSCH-BNO055 Datasheet
2Mb / 106P
Intelligent 9-axis absolute orientation sensor
logo
TDK Electronics
DK-20602 TDK-DK-20602 Datasheet
375Kb / 1P
6-Axis Motion Sensor
DK-20648 TDK-DK-20648 Datasheet
393Kb / 1P
6-Axis Motion Sensor
DK-20789 TDK-DK-20789 Datasheet
366Kb / 1P
7-Axis Motion Sensor
DK-20948 TDK-DK-20948 Datasheet
360Kb / 1P
9-Axis Motion Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
CINCON ELECTRONICS Corp...
MDS-P CINCON-MDS-P Datasheet
428Kb / 2P
Motion Detection Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com