Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6525KWR2 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MMA6525KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6525KWR2 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MMA6525KWR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
37
MMA65xx
3.8.10
ARMING FUNCTION
The device provides the option for an arming function with 3 modes of operation. The operation of the arming function is se-
lected by the state of the A_CFG bits in the DEVCFG register.
Reference Section 4.5 for the operation of the Arming function with exception conditions. Error conditions do not impact prior
arming function responses. If an error occurs after an arming activation, the corresponding pulse stretch for the existing arming
condition will continue. However, new acceleration reads will not update the arming function regardless of the acceleration value.
3.8.10.1
Arming Function: Moving Average Mode
In moving average mode, the arming function runs a moving average on the offset cancelled output of each acceleration axis.
The number of samples used for the moving average (k) is programmable via the AWS_Xx[1:0] and ARM_Yx[1:0] bits in the
ARMCFGX and ARMCFGY registers. Reference Section 3.1.8 for register details.
ARM_MAn = (OCn + OCn-1 + ... + OCn+1-k)/k
Where n is the current sample.
The sample rate for each axis is determined by the SPI acceleration data sample rate. At the rising edge of CS for an accel-
eration data SPI request, the moving average for the associated axis is updated with a new sample. Reference Figure 28. The
SPI acceleration data sample rate must meet the minimum time between requests (tACC_REQ_x) specified in Section 2.6.
The moving average output is compared against positive and negative 8-bit thresholds that are individually programmed for
each axis via the ARMT_Xx and ARMT_Yx registers. Reference Section 3.1.10 for register details. If the moving average equals
or exceeds either threshold, an arming condition is indicated, the ARM_X or ARM_Y output is asserted for the associated axis,
and the pulse stretch counter is set as described in Section 3.8.10.4.
The ARM_X or ARM_Y output is de-asserted only when the pulse stretch counter expires. Figure 28 shows the arming output
operation for different SPI conditions.
Figure 26. Arming Function Block Diagram - Moving Average Mode
The moving average window size must be set prior to setting the arming function to moving average mode, or prior to request-
ing acceleration data via the SPI. If the moving average window size is changed after enabling moving average mode, the arming
function must first be disabled by setting the A_CFG bits to “000”. Once the desired moving average window size is set, the mov-
ing average mode can be re-enabled.
Offset Cancellation
AWS_xP[1:0]
APS_x[1:0]
Pulse Stretch
ARM_x
Gating
I/O
ARMT_xN[7:0]
ARMT_xP[7:0]
Moving Average
Positive
Moving Average
Negative
AWS_xN[1:0]
OffCanc_ARM_x[10:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com