Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6525KWR2 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MMA6525KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6525KWR2 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MMA6525KWR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA6525KWR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
41
MMA65xx
3.8.11
PCM Output Function
The device provides the option for a PCM output function. The PCM output is enabled by setting the A_CFG bits in the
DEVCFG register to the appropriate state as described in Section 3.1.6.6. Selecting the PCM output enables the following func-
tions:
•
The PCM_X and PCM_Y pins are programmed as a digital outputs. Reference Section 2.3 for the pin electrical
parameters.
•
The acceleration value output from the offset cancellation block is saturated to 9-bits and converted to an unsigned value.
Note, the 9-bit unsigned acceleration value uses the full range of values (0 - 511).
•
The 9-bit acceleration value is input into a summer clocked at 8MHz.
•
The carry from the summer circuit is output to the PCM pin.
A block diagram of the PCM output is shown in Figure 32.
Exception conditions affect the PCM output as listed in Section 4.5.
Figure 32. PCM Output Function Block Diagram
Output Scaling
OC_x[9:1]
A
9 Bit ADDER
ARM_x/PCM_x
B
CARRY
SUM
fCLK = 8 MHz
Sample updated every 8
μS
9
9
9
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com