Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7660FC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA7660FC
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA7660FC Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Sensors
7
Freescale Semiconductor, Inc.
MMA7660FC
Figure 3. Simplified Accelerometer Functional Block Diagram
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic discharge.
Although the Freescale accelerometer contains internal 2000 V ESD protection circuitry, extra precaution must be taken by
the user to protect the chip from ESD. A charge of over 2000 V can accumulate on the human body or associated test equipment.
A charge of this magnitude can alter the performance or cause failure of the chip. When handling the accelerometer, proper ESD
precautions should be followed to avoid exposing the device to discharges which may be detrimental to its performance.
Table 2. Maximum Ratings
(Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Maximum Acceleration (all axes, 100
μs)
gmax
10,000
g
Analog Supply Voltage
AVDD
-0.3 to +3.6
V
Digital I/O pins Supply Voltage
DVDD_IO
-0.3 to +3.6
V
Drop Test
Ddrop
1.8
m
Storage Temperature Range
Tstg
-40 to +125
°C
Table 3. ESD And Latch-up Protection Characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latch-up current at TA = 85°C
±100
mA
AVDD
DVDD
VSS
X-axis
Transducer
Y-axis
Transducer
Z-axis
Transducer
MUX
CONTROL LOGIC
INT
C-to-V
CONVERTER
AMP
ADC
SDA
SCL
OFFSET
TRIM
GAIN
TRIM
I2C
INTERNAL
OSC
CLOCK
GEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com