Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7660FC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA7660FC
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA7660FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
8
MMA7660FC
Notes
1. These parameters are tested in production at final test.
2. Assuming VDD power on slope is < 1 ms.
3. A measure of the devices ability to reject an acceleration applied 90° from the true axis of sensitivity.
4. Noise is defined as quantiles given to a sample size. These are the occurrences of noise: 94% = ±1 count, 5% = ±2 counts, and 1% = ±3
counts.
Table 4. Operating Characteristics
Unless otherwise noted: -40°C < TA < 85°C, 2.4 V < AVDD < 3.6 V, 1.71 V < DVDD < 3.6 V, Acceleration = 0g
Typical values are at AVDD = 2.8 V, DVDD = 2.8 V, TA = +25°C
Characteristics
Symbol
Min
Typ
Max
Unit
Analog Supply Voltage
Standby/Operation Mode
AVDD
2.4
2.8
3.6
V
Enable Bus Modeon Mode
AVDD
0
V
Digital I/O Pins Supply Voltage
Standby/Operation Mode
DVDD_IO
1.71
2.8
AVDD
V
Enable Bus Modeon Mode
DVDD_IO
1.71
1.8
3.6
V
Supply Current Drain
Off Mode
IDD
0.4
µA
Power Down Mode
IDD
2
µA
Standby Mode(1)
IDD
0
2
10
µA
Active Mode, ODR = 1
IDD
47
µA
Active Mode, ODR = 2
IDD
49
µA
Active Mode, ODR = 4
IDD
54
µA
Active Mode, ODR = 8
IDD
66
µA
Active Mode, ODR = 16
IDD
89
µA
Active Mode, ODR = 32
IDD
133
µA
Active Mode, ODR = 64
IDD
221
µA
Active Mode(1), ODR = 120
IDD
294
µA
Acceleration Range
±1.5
g
Operating Temperature Range
TA
-40
25
85
°C
0g Output Signal (TA = 25°C, AVDD = 2.8 V)
0g Offset ±1.5g range(1)
VOFF
-3
0
3
counts
0g Offset Temperature Variation
X
Y
Z
-1.3
+1.5
-1.0
mg/°C
mg/°C
mg/°C
Sensitivity(1) (TA = 25°C, AVDD = 2.8 V)
±1.5g range 6-bit
21.33
count/g
Acceleration Sensitivity at TAMB
19.62
21.33
23.04
count/g
Acceleration Sensitivity Temperature Variation
±0.01
%/°C
Input High Voltage
VIH
0.7 x DVDD
Input Low Voltage
VIL
0.35 x DVDD
Output Low Voltage (IOL = 6 mA + SDA, INT)
VOL
0.5
V
Input Leakage Current
IIH, IIL
0.025
µA
Internal Clock Frequency(1) (TA = 25°C, AVDD = 2.8 V)
tCLK
135
150
165
kHz
I2C Interface Speed
400
kHz
Control Timing
Turn on time from AVDD = 0 V to AVDD = 2.5 V
(2)
1.3
ms
Turn off time from Active to Standby Mode
1
ms
Turn on time Standby to Active Mode
12 ms + 1/ODR
ms
Timing Clock Source Accuracy (TA = 25°C, DVDD = 1.8 V)
-10
10
%
Timing Clock Source Temperature Variation
-15
15
%
Cross Axis Sensitivity(3)
±1
%
Noise(4)
±1
count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com