Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3003NT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMG3003NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMG3003NT1
1
RF Device Data
Freescale Semiconductor, Inc.
MMG3003NT1
40--3600 MHz, 20 dB
24 dBm
InGaP HBT
Heterojunction Bipolar Transistor
Technology (InGaP HBT)
Broadband High Linearity Amplifier
The MMG3003NT1 is a general purpose amplifier that is internally input
matched and internally output prematched. It is designed for a broad range
of Class A, small--signal, high linearity, general purpose applications. It is
suitable for applications with frequencies from 40 to 3600 MHz such as
cellular, PCS, BWA, WLL, PHS, CATV, VHF, UHF, UMTS and general
small--signal RF.
Features
• Frequency: 40--3600 MHz
• P1dB: 24 dBm @ 900 MHz
• Small--Signal Gain: 20 dB @ 900 MHz
• Third Order Output Intercept Point: 40.5 dBm @ 900 MHz
• Single Voltage Supply
• Internally Matched to 50 Ohms
• Cost--effective SOT--89 Surface Mount Package
• In Tape and Reel. T1 Suffix = 1000 Units, 12 mm Tape Width, 7 inch Reel.
1 2
3
CASE 1514--02, STYLE 1
SOT--89
PLASTIC
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small--Signal Gain
(S21)
Gp
20
16.9
12
dB
Input Return Loss
(S11)
IRL
--15
--14.1 --11.2
dB
Output Return Loss
(S22)
ORL
--9.3
--14.5
--10.2
dB
Power Output @1dB
Compression
P1dB
24
23.3
20.5
dBm
Third Order Output
Intercept Point
OIP3
40.5
40
37
dBm
1. VCC =6.2 Vdc, TA =25°C, 50 ohm system.
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Supply Current
ICC
400
mA
RF Input Power
Pin
15
dBm
Storage Temperature Range
Tstg
--65 to +150
°C
Junction Temperature (2)
TJ
150
°C
2. For reliable operation, the junction temperature should not
exceed 150°C.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 109°C, 6.2 Vdc, 180 mA, no RF applied
RθJC
31.6
°C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMG3003NT1
Rev. 8, 2/2012
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2004--2008, 2012. All rights reserved.


Similar Part No. - MMG3003NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3003NT1 NXP-MMG3003NT1 Datasheet
640Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 9/2014
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results

Similar Description - MMG3003NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
221Kb / 12P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3013NT1 FREESCALE-MMG3013NT1 Datasheet
218Kb / 12P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1_08 Datasheet
300Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3005NT1 FREESCALE-MMG3005NT1_08 Datasheet
373Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1_08 Datasheet
442Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMA20312BT1 FREESCALE-MMA20312BT1 Datasheet
797Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMA20312B FREESCALE-MMA20312B_12 Datasheet
787Kb / 15P
Heterojunction Bipolar Transistor Technology
MMA20312BV FREESCALE-MMA20312BV Datasheet
1Mb / 18P
Heterojunction Bipolar Transistor Technology
MMA25312BT1 FREESCALE-MMA25312BT1 Datasheet
899Kb / 12P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMA25312B NXP-MMA25312B Datasheet
342Kb / 10P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com