Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG3003NT1 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMG3003NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMG3003NT1 Datasheet HTML 18Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MMG3003NT1
17
RF Device Data
Freescale Semiconductor, Inc.
PRODUCT DOCUMENTATION AND SOFTWARE
Refer to the following documents and software to aid your design process.
Application Notes
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
• AN3100: General Purpose Amplifier and MMIC Biasing
Software
• .s2p File
For Software, do a Part Number search at http://www.freescale.com, and select the “Part Number” link. Go to the Software &
Tools tab on the part’s Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
5
Mar. 2007
• Corrected and updated Part Numbers in Tables 8, 10, 11, 12, and 13, Component Designations and Values,
to RoHS compliant part numbers, p. 6--10
6
July 2007
• Replaced Case Outline 1514--01 with 1514--02, Issue D, p. 1, 14--16. Case updated to add missing
dimension for Pin 1 and Pin 3.
7
Mar. 2008
• Removed Footnote 2, Continuous voltage and current applied to device, from Table 2, Maximum Ratings,
p. 1
• Corrected Fig. 13, Single--Carrier W--CDMA Adjacent Channel Power Ratio versus Output Power y--axis
(ACPR) unit of measure to dBc, p. 5
• Corrected S--Parameter table frequency column label to read “MHz” versus “GHz” and corrected
frequency values from GHz to MHz, p. 11, 12
8
Feb. 2012
• Corrected temperature at which ThetaJC is measured from 25°C to 109°C and added “no RF applied” to
Thermal Characteristics table to indicate that thermal characterization is performed under DC test with no
RF signal applied, p. 1
• Table 6, ESD Protection Characterization, removed the word “Minimum” after the ESD class rating. ESD
ratings are characterized during new product development but are not 100% tested during production. ESD
ratings provided in the data sheet are intended to be used as a guideline when handling ESD sensitive
devices, p. 3
• Removed ICC bias callout from applicable graphs and Table 14, Common Emitter S--Parameters heading
as bias is not a controlled value, p. 4--12
• Added .s2p File availability to Product Software, p. 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com