Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4206 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4206
Description  1-A DC Motor Driver for Servo Driver Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4206 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4206 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLE 4206
Semiconductor Group
8
1998-02-01
Input-Interface
Input REF
Quiescent voltage
V
REFq
–200 –
mV
I
REF = 0 µA
Input resistance
R
REF
–6
–
k
Ω 0 V < V
REF < 0.5 V
Input FB
Quiescent voltage
V
FBq
–200 –
mV
I
FB = 0 µA
Input resistance
R
FB
–6
–
k
Ω 0 V < V
FB < 0.5 V
Input/Output HYST
Current Amplification
A
HYST = IHYST / (IREF – IFB)
A
HYST
0.8
0.95 1.1
−
–20
µA < I
HYST
< – 10
µA;
10
µA < I
HYST
< 20
µA;
I
REF =250 µA
V
HYST = VS / 2
Current Offset
I
HYSTIO
–2
0.5
3
µA
I
REF = IFB =250 µA
V
HYST = VS / 2
Threshold voltage High
V
HYH / VS
–52
–
%
–
Deadband voltage High
V
DBH / VS
–50.4 –
%
–
Deadband voltage Low
V
DBL / VS
–49.6 –
%
–
Threshold voltage Low
V
HYL / VS
–48
–
%
–
Hysteresis Window
V
HYW / VS
34
5
%
(
V
HYH – VHYL)/ VS
Deadband Window
V
DBW / VS
0.4
0.8
1.2
%
(
V
DBH – VDBL)/ VS
Electrical Characteristics (cont’d)
8 V <
V
S < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C
(unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com