Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4206 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE4206
Description  1-A DC Motor Driver for Servo Driver Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4206 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE4206 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLE 4206
Semiconductor Group
4
1998-02-01
Absolute Maximum Ratings
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S
– 0.3
45
V
–
Supply voltage
V
S
– 1
–
V
t < 0.5 s; I
S > – 2 A
Logic input voltages
(FB, REF, RANGE, HYST,
CPB)
V
I
– 0.3
20
V
–
Currents
Output current (OUT1, OUT2)
I
OUT
–
–
A
internally limited
Output current (Diode)
I
OUT
–1
1
A
–
Input current
(FB, REF, RANGE, HYST)
I
IN
– 2
– 6
2
6
mA
mA
t < 2 ms; t/T < 0.1
Temperatures
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal Resistances
Junction pin
(P-DSO-14-4)
R
thj-pin
–
25
K/W
measured to pin 5
Junction ambient
(P-DSO-14-4)
R
thjA
–65
K/W
–
Junction pin
(P-DSO-16-5)
R
thj-pin
–
15
K/W
measured to pin 5
Junction ambient
(P-DSO-16-5)
R
thjA
–60
K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com