Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4208 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4208
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4208 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4208 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4208 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLE 4208
Semiconductor Group
8
1998-06-03
Electrical Characteristics
8 V <
V
S12 = VS34 < 18 V; INH12 = INH34 = HIGH; IOUT1-4 = 0 A; – 40 °C < Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.
Current Consumption
INH
12 = INH34 = LOW
Quiescent current
I
S
–
–
100
µA
I
S = IS12 + IS34
Quiescent current
I
S
–20
40
µA
I
S = IS12 + IS34;
V
S12 = VS34 = 13.2 V;
T
j = 25 °C
INH
12 = HIGH and INH34 = LOW or INH12 = LOW and INH34 = HIGH
Supply current
I
S12, IS34
–10
20
mA
–
Supply current
I
S12, IS34
–
–
30
mA
I
OUT1/3 = 0.4 A
I
OUT2/4 = – 0.4 A
Supply current
I
S12, IS34
–
–
50
mA
I
OUT1/3 = 0.8 A
I
OUT2/4 = – 0.8 A
Over- and Under Voltage Lockout
UV Switch ON voltage
V
UV ON
–
6.5
7.5
V
V
S12, VS34
increasing
UV Switch OFF voltage
V
UV OFF
56
–
V
V
S12, VS34
decreasing
UV ON/OFF hysteresis
V
UV HY
–
0.5
–
V
V
UV ON – VUV OFF
OV Switch OFF voltage
V
OV OFF
–20
24
V
V
S12, VS34
increasing
OV Switch ON voltage
V
OV ON
18
19.5 –
V
V
S12, VS34
decreasing
OV ON/OFF hysteresis
V
OV HY
–
0.5
–
V
V
OV OFF – VOV ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com