Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4208 Datasheet (PDF) - Siemens Semiconductor Group

TLE4208 Datasheet PDF - Siemens Semiconductor Group
Part # TLE4208
Download  TLE4208 Download
File Size   63.75 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1-A Quad-HBD (Quad-Half-Bridge Driver)

TLE4208 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4208 Datasheet PDF - Siemens Semiconductor Group

Part # TLE4208
Download  TLE4208 Click to download

File Size   63.75 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1-A Quad-HBD (Quad-Half-Bridge Driver)

TLE4208 Datasheet (HTML) - Siemens Semiconductor Group


TLE4208 Product details

Description

The TLE 4208 is a fully protected Quad-Half-Bridge-Driver designed specially for automotive and industrial motion control applications. The part is built using the Siemens bipolar high voltage power technology DOPL.

In a cascade configuration up to three actuators (DC motors) can be connected between the four half-bridges. These four half-bridges are configured as 2 dual-half-bridges, which are supplied and controlled separately. Operation modes forward (cw), reverse (ccw), brake and high impedance are invoked from a standard interface.



Features

• Driver for up to 3 motors

• Delivers up to 0.8 A continuous

• Optimized for DC motor management applications

• Very low current consumption

in stand-by (Inhibit) mode

• Low saturation voltage; typ.1.2 V total @ 25 °C; 0.4 A

• Output protected against short circuit

• Error flag diagnosis

• Overvoltage lockout and diagnosis

• Undervoltage lockout

• CMOS/TTL compatible inputs with hysteresis

• No crossover current

• Internal clamp diodes

• Overtemperature protection with hysteresis and diagnosis

• Enhanced power P-DSO-Package




Similar Part No. - TLE4208

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208G INFINEON-TLE4208G Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
More results


Similar Description - TLE4208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9947 STMICROELECTRONICS-L9947 Datasheet
115Kb / 13P
QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
Apr-1999
logo
Siemens Semiconductor G...
TLE4207 SIEMENS-TLE4207 Datasheet
147Kb / 14P
1-A Dual-HBD (Dual-Half-Bridge Driver)
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE8444SL INFINEON-TLE8444SL Datasheet
539Kb / 32P
Quad Half-Bridge Driver IC
Rev. 1.1, July 2009
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com