Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9947 Datasheet (PDF) - STMicroelectronics

L9947 Datasheet PDF - STMicroelectronics
Part # L9947
Download  L9947 Download
File Size   115.66 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER

L9947 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9947 Datasheet PDF - STMicroelectronics

Part # L9947
Download  L9947 Click to download

File Size   115.66 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER

L9947 Datasheet (HTML) - STMicroelectronics


L9947 Product details

DESCRIPTION
The L9947 is a bus controlled power interface intended for automotive applications realized in multipower BCD60II technology. Up to three DC motors and one grounded resistive load can be driven with its four half-bridge and one high-side driver power outputs. The microcomputer compatible bidirectional parallel bus allows several interfaces connected on the same bus (multiplex system). The full diagnostic information is available on the bus.


■ LOW CONSUMPTION IN STANDBY MODE
   (<100µA AT ROM TEMP; < 150µA AT 130°C)
■ TWO HALF BRIDGES FOR 3A LOAD
   (RDSON = 0.25Ω TYP; Tj = 25°C)
■ TWO HALF BRIDGES FOR 0.5A LOAD
   (RDSON = 2.5Ω TYP; Tj = 25°C)
■ HIGH SIDE DRIVER FOR 2.5A LOAD
   (RDSON = 0.45Ω TYP; Tj = 25°C)
■ DIRECT CONTROLLED BY µC (MULTIPLEX SYSTEM)
■ OUTPUT HIGH/LOW LEVEL DIAGNOSTIC
■ OVERCURRENT SWITCH OFF AND DIAGNOSTIC
■ OVERTEMPERATURE DIAGNOSTIC BEFORE SWITCH OFF
■ OPEN LOAD DIAGNOSTIC




Similar Part No. - L9947

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
L9942 STMICROELECTRONICS-L9942 Datasheet
523Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1 STMICROELECTRONICS-L9942XP1 Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1 STMICROELECTRONICS-L9942XP1 Datasheet
523Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
More results


Similar Description - L9947

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Analog Devices
ADUM5230 AD-ADUM5230 Datasheet
299Kb / 14P
Isolated Half-Bridge Driver with Integrated High-Side Supply
REV. 0
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE8444SL INFINEON-TLE8444SL Datasheet
539Kb / 32P
Quad Half-Bridge Driver IC
Rev. 1.1, July 2009
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
International Rectifier
IRS2526DSPBF IRF-IRS2526DSPBF_15 Datasheet
33Kb / 1P
600V half-bridge high- and low-side gate driver
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
logo
Analog Devices
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com