Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9947 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics L9947 Datasheet HTML 10Page - STMicroelectronics L9947 Datasheet HTML 11Page - STMicroelectronics L9947 Datasheet HTML 12Page - STMicroelectronics L9947 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Bus Timing (figure 4)
The bus signal must be defined t3 =1
µs before
CSN goes low. It is allowed to change the level of
R/WN during CSN = 0. The other signals could be
changed. To store a command it is mandatory to
fix the D0 - D3 and MODE signals t9 =1
µs before
the positive edge of CSN.
OVERCURRENT AT OUT1 - OUT5:
The output currents of OUT1 - OUT5 are inter-
nally limited. This is realized in the following way:
When the output current reaches a certain level
(see pag...) the Gate - Source voltage will be
clamped to a lower level. The output current is
now limited and follows the output ID, UDS char-
acteristic for this Gate - Source voltage. An inter-
nal timer starts when the output voltage drop
(Drain - Source) increases above 0.4VS.
After 100
µs typ. the output is switched OFF and
the corresponding overcurrent bit (OVC1 or
OVC2) will be set. The outputs can be activated
again with the next input data word.
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Width of CSN Low
20
90*
µs
t2
Width of CSN High
10
µs
t3
Input Signals Before Negative Cdge of CSN
1
µs
t4
Input Signals After Positive Edge of CSN
1
µs
t5
Valid Diagnostic Data
10
µs
t6
Valid Diagnostic Data
10
µs
t7
Delay Time from Input to Power Output, VS = 13V
300
µs
t8
CSN = Low Duration (Pulse Length) for CLEAR of latched Data
100
µs
t9
Input Data Before Positive Edge of CSN Which Should be Latched
1
µs
t1 and t5 are derived from the internal oscillator frequency
t7 varies with the supply voltage VS, relating to the output voltage slope limitation
(*) for t1 > 100
µs the latched data will be reseted due to CLEAR (status 20)
TIMING CHARACTERISTICS
Figure 4: Bus and Outputs Timing Diagram
L9947
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com