Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9947 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 1 Page - STMicroelectronics

  L9947 Datasheet HTML 1Page - STMicroelectronics L9947 Datasheet HTML 2Page - STMicroelectronics L9947 Datasheet HTML 3Page - STMicroelectronics L9947 Datasheet HTML 4Page - STMicroelectronics L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L9947
QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
LOW CONSUMPTION IN STANDBY MODE
(<100
µA AT ROM TEMP; < 150µA AT 130°C)
TWO HALF BRIDGES FOR 3A LOAD
(RDSON = 0.25
Ω TYP; Tj =25°C)
TWO HALF BRIDGES FOR 0.5A LOAD
(RDSON = 2.5
Ω TYP; Tj =25°C)
HIGH SIDE DRIVER FOR 2.5A LOAD
(RDSON = 0.45
Ω TYP; Tj =25°C)
DIRECT CONTROLLED BY
µC (MULTIPLEX
SYSTEM)
OUTPUT HIGH/LOW LEVEL DIAGNOSTIC
OVERCURRENT SWITCH OFF AND DIAG-
NOSTIC
OVERTEMPERATURE
DIAGNOSTIC
BE-
FORE SWITCH OFF
OPEN LOAD DIAGNOSTIC
DESCRIPTION
The L9947 is a bus controlled power interface in-
tended for automotive applications realized in
multipower BCD60II technology. Up to three DC
motors and one grounded resistive load can be
driven with its four half-bridge and one high-side
driver power outputs. The microcomputer compat-
ible bidirectional parallel bus allows several inter-
faces connected on the same bus (multiplex sys-
tem). The full diagnostic information is available on
the bus.
April 1999
®
BLOCK DIAGRAM
Multiwatt 15
ORDERING NUMBER: L9947S
1/13


Similar Part No. - L9947

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
L9942 STMICROELECTRONICS-L9942 Datasheet
523Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1 STMICROELECTRONICS-L9942XP1 Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1 STMICROELECTRONICS-L9942XP1 Datasheet
523Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
More results

Similar Description - L9947

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Analog Devices
ADUM5230 AD-ADUM5230 Datasheet
299Kb / 14P
Isolated Half-Bridge Driver with Integrated High-Side Supply
REV. 0
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE8444SL INFINEON-TLE8444SL Datasheet
539Kb / 32P
Quad Half-Bridge Driver IC
Rev. 1.1, July 2009
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
International Rectifier
IRS2526DSPBF IRF-IRS2526DSPBF_15 Datasheet
33Kb / 1P
600V half-bridge high- and low-side gate driver
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
logo
Analog Devices
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com