Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9947 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 2 Page - STMicroelectronics

  L9947 Datasheet HTML 1Page - STMicroelectronics L9947 Datasheet HTML 2Page - STMicroelectronics L9947 Datasheet HTML 3Page - STMicroelectronics L9947 Datasheet HTML 4Page - STMicroelectronics L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
26
V
Single Pulse tmax < 400ms
40
V
IS
Negative Supply Current
-9
A
VCC
Stabilized Supply Voltage
-0.3 to 6V
V
VCSN,VR/WN
VMODE
Digital Input Voltage
-0.3 to VCC+0.3
V
VD0 -D3
Digital Input/ Output Voltage
-0.3 to VCC+0.3
V
IOUT1 -OUT5
Output Current Power
internal limited
Tj
Operating Junction Temperature
-40 to 150
°C
Tj-SD
Thermal Shutdown Junction Temperature
min 150
°C
Tj- HYS
Thermal Junction Temperature Hysteresis
20
K
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction Ambient Ptot = 25W; free air; DC
38
°C/W
Zth j-amb
Thermal Resistance Junction Ambient still air;
single pulse tp=20s
10
°C/W
PIN CONNECTION
L9947
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com