Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9947 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics L9947 Datasheet HTML 10Page - STMicroelectronics L9947 Datasheet HTML 11Page - STMicroelectronics L9947 Datasheet HTML 12Page - STMicroelectronics L9947 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Diagnostic (TABLE 2; STATUS 11 - 15):
The diagnostic delivers the information of the out-
put voltage status (high or low) at the outputs
OUT1 - OUT5, overcurrent, overvoltage shutdown
and over temperature. The output voltage detec-
tion is done by hysteresis comparators with
thresholds at 0.4VS and 0.6 VS. The overcurrent
(OVC) information is latched till a new or repeated
write command was received. The OVC1 is set to
high with the overcurrent condition at any of the
half-bridge outputs. OVC2 error bit will be set with
the overcurrent condition at OUT5. The overvol-
tage (OVV) is high till the supply voltage VS ex-
ceeds the overvoltage threshold of 20V typ.
The overtemperature (OT) is high if the junction
temperature is less than typ. 30 Kevin below the
thermal shutdown junction temperature (TJSD).
Detection of Load Interruption
(TABLE 3):
The outputs OUT1 - OUT4 are connected by the
motors in the application. The output OUT4 can
be switched as current source or sink with typ.
140mA current capability (status 16 + 17). The
sum of current consumption is <1mA if the output
current IOUT4 = 0 (status 17). The diagnostic of
the output voltage delivers the information if one
or more of the half bridges is shorted to VS or
GND or the motor connections are interrupted. In
status 18 the outputs OUT1 - OUT3 are switched
as current sinks (typ. 10mA), OUt4 and OUt5 as
current sources (OUT4 140mA, OUT5 10mA).
With this current the influence of leakage currents
and oxidized contacts is eliminated.
Standby (TABLE!; STATUS 2):
The L9947 is set in standby mode with the posi-
tive edge of CSN when all other inputs are low.
All latched data will be cleared and the inputs and
outputs are in tristate.
The total current consumption is less than 100
µA.
CSN=0 quits the standby. All latched data are
cleared.
Clear (TABLE 4: STATUS 20):
If the chip select is low for ore than TCLR = 100
µs,
the internal latched data will be cleared and the
outputs become tristate. Repetitive high low
edges activate the inputs again. Also a broken
CSN-wire activates this clear function due to the
internal pull down resistor at CSN input. After a
clear, the L9947 goes in standby and can be
wake up with a negative edge of CSN.
Thermal Shutdown:
When the junction temperature increases above
TJSD the power DMOS transistors are switched off
until the junction temperature drops below the
value TJSD -TJHYST.
Clamp Current of The Power Outputs:
For output voltages 10V and larger a clamp cur-
rent of appr. 50
µA will flow in the power outputs
due to the internal gate-source voltage limitation,
when the device is not in standby.
Overvoltage Shutdown:
When the supply voltage VS exceeds the overvol-
tage threshold VSQVT, typ. 20V,the outputs OUT1
- OUT5 go in tristate condition. If the supply volt-
age goes under the overvoltage shutdown tre-
shold, the status is the same as before the over-
voltage condition occurred.
Undervoltage:
In the voltage range 2V <VCC < 4V the internal
logic is reseted and all outputs go in tristate. Also
ground spikes on the VCC reset the logic. After
an internal reset of the logic, the L9947 is control-
led again by the inputs.
Ground Interrupt:
The L9947 is protected against interruption. The
output OUt5 switches off at ground interruption.
The outputs OUT1 - OUt4 are driven in full bridge
configuration as shown in the application. There
is no path through the load or direct to another
ground. Thus, the device protected.
VCC Interruption
If the supply voltage VS is present and VCC is in-
terrupted or not supplied, than two cases can be
distinguished:
1 The data pins D0 - D3 are not driven by the
µC or they are low. So the outputs OUT1 -
OUT5 and D0 - D3 are in tristate.
2 One of the pins D0 - D3 is driven high the
µC. This pin supplies the VCC pin by the
drain-bulk-diode of the p-channel mos (fig.5).
Depending of the CSN, R/WN and MODE in-
puts some undesiderable functions can occur.
L9947
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com