Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9947 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9947
Description  QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9947 Datasheet(HTML) 3 Page - STMicroelectronics

  L9947 Datasheet HTML 1Page - STMicroelectronics L9947 Datasheet HTML 2Page - STMicroelectronics L9947 Datasheet HTML 3Page - STMicroelectronics L9947 Datasheet HTML 4Page - STMicroelectronics L9947 Datasheet HTML 5Page - STMicroelectronics L9947 Datasheet HTML 6Page - STMicroelectronics L9947 Datasheet HTML 7Page - STMicroelectronics L9947 Datasheet HTML 8Page - STMicroelectronics L9947 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (VS = 8 to 16V; VCC = 4.5 to 5.5V; Tj = -40 to 150
°C;unless other-
wise specified; the voltage are refered to GND and currents are assumed positive, when the current
flows into the pin.)
SUPPLY:
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICC
DC Supply Current
VS = 16V; VCC = 5.5V; (status
8)
5mA
IS
DC Supply Current
VS = 16V; VCC = 5.5V; (status
8)
10
mA
ICC + IS
Sum Supply Current
IOUT1 =IOUT2=IOUT3 =IOUT4 =
IOUT5= 0; Standby (status 2)VS
= 14V; VCC = 5.5V;
Tj = -40 to 25
°C
100
µA
IOUT1 =IOUT2=IOUT3 =IOUT4 =
IOUT5= 0; Standby (status 2)VS
= 14V; VCC = 5.5V;
Tj >25
°C
150
µA
VS < 14V; VCC = 5.5V; IOUT =0;
(status 17);
3mA
VSOVT
Overvoltage Shutdown
Threshold
17
25
V
CONTROL INPUTS: CNS, R/WN, MODE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VINL
Input Low Level
VCC = 5V
1.5
V
VINH
Input High Level
VCC = 5V
3.5
V
VINHyst
Input Hysteresis
VCC = 5V;
0.5
V
IINL
Input Current Low
VCC = 5V; VIN = 0
-10
10
µA
IINH
Input Current High (with
exception of CSN Input)
VCC = 5V; VIN = 5V
-10
10
µA
RCSN
Input Resistance to GND (pull
down at CSN pin)
20
K
Ω
DATA INPUT: D0 - D3
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDINL
Input Low Level
VCC = 5V; MODE = 0
1.5
V
VDINH
Input High Level
VCC = 5V; MODE = 0
3.5
V
VDINHyst
Input Hysteresis
VCC = 5V; MODE = 0
0.5
V
IDINL
Input Current Low
VCC = 5V; VIN = 0
-10
10
µA
IDINH
Input Current High
VCC = 5V; VIN = 5V
-10
10
µA
DATA OUTPUT: D0 - D3
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDOL
Output Low Level
VCC = 5V; ID = 0.5mA; MODE
=1
0.6
V
VDINH
Input High Level
VCC = 5V; ID = 0.5mA; MODE
=1
4V
L9947
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com