Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4208 Datasheet (PDF) - Infineon Technologies AG

TLE4208 Datasheet PDF - Infineon Technologies AG
Part # TLE4208
Download  TLE4208 Download
File Size   113.31 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 1-A Quad-HBD (Quad-Half-Bridge Driver)

TLE4208 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4208 Datasheet PDF - Infineon Technologies AG

Part # TLE4208
Download  TLE4208 Click to download

File Size   113.31 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 1-A Quad-HBD (Quad-Half-Bridge Driver)

TLE4208 Datasheet (HTML) - Infineon Technologies AG


TLE4208 Product details

Description

The TLE 4208 is a fully protected Quad-Half-Bridge-Driver designed specially for automotive and industrial motion control applications. The part is built using the Siemens bipolar high voltage power technology DOPL. In a cascade configuration up to three actuators (DC motors) can be connected between the four half-bridges. These four half-bridges are configured as 2 dual-half-bridges, which are supplied and controlled separately. Operation modes forward (cw), reverse (ccw), brake and high impedance are invoked from a standard interface.



Features

• Driver for up to 3 motors

• Delivers up to 0.8 A continuous

• Optimized for DC motor management applications

• Very low current consumption in stand-by (Inhibit) mode

• Low saturation voltage; typ.1.2 V total @ 25 °C; 0.4 A

• Output protected against short circuit

• Error flag diagnosis

• Overvoltage lockout and diagnosis

• Undervoltage lockout

• CMOS/TTL compatible inputs with hysteresis

• No crossover current

• Internal clamp diodes

• Overtemperature protection with hysteresis and diagnosis

• Enhanced power P-DSO-Package




Similar Part No. - TLE4208

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
TLE4208G SIEMENS-TLE4208G Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208G INFINEON-TLE4208G Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
More results


Similar Description - TLE4208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9947 STMICROELECTRONICS-L9947 Datasheet
115Kb / 13P
QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
Apr-1999
logo
Siemens Semiconductor G...
TLE4207 SIEMENS-TLE4207 Datasheet
147Kb / 14P
1-A Dual-HBD (Dual-Half-Bridge Driver)
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE8444SL INFINEON-TLE8444SL Datasheet
539Kb / 32P
Quad Half-Bridge Driver IC
Rev. 1.1, July 2009
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com