Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4207 Datasheet (PDF) - Siemens Semiconductor Group

TLE4207 Datasheet PDF - Siemens Semiconductor Group
Part # TLE4207
Download  TLE4207 Download
File Size   147.19 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1-A Dual-HBD (Dual-Half-Bridge Driver)

TLE4207 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4207 Datasheet PDF - Siemens Semiconductor Group

Part # TLE4207
Download  TLE4207 Click to download

File Size   147.19 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1-A Dual-HBD (Dual-Half-Bridge Driver)

TLE4207 Datasheet (HTML) - Siemens Semiconductor Group


TLE4207 Product details

Description

The TLE 4207 is a fully protected Dual-Half-Bridge-Driver designed specially for automotive and industrial motion control applications.

The part is built using the Siemens bipolar high voltage power technology DOPL.



Features

• Delivers up to 0.8 A continuous

• Optimized for DC motor management applications

• Very low current consumption in stand-by (Inhibit) mode

• Low saturation voltage;typ.1.2 V total @ 25°C; 0.4 A

• Output protected against short circuit

• Error flag diagnosis

• Overvoltage lockout and diagnosis

• Undervoltage lockout

• CMOS/TTL compatible inputs with hysteresis

• No crossover current

• Internal clamp diodes

• Overtemperature protection with hysteresis and diagnosis

• Enhanced power P-DSO-Package




Similar Part No. - TLE4207

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE4207G INFINEON-TLE4207G Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
More results


Similar Description - TLE4207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9997ND STMICROELECTRONICS-L9997ND Datasheet
96Kb / 9P
DUAL HALF BRIDGE DRIVER
Apr-1999
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
New Japan Radio
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
Dual Half Bridge Driver
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com