Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA516B Datasheet (PDF) - STMicroelectronics

STA516B Datasheet PDF - STMicroelectronics
Part # STA516B
Download  STA516B Download
File Size   179.57 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 V 6 A quad power half bridge

STA516B Datasheet (PDF)

Go To PDF Page Download Datasheet
STA516B Datasheet PDF - STMicroelectronics

Part # STA516B
Download  STA516B Click to download

File Size   179.57 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 V 6 A quad power half bridge

STA516B Datasheet (HTML) - STMicroelectronics


STA516B Product details

Description

STA516B is a monolithic quad half-bridge stage in Multipower BCD Technology. The device can be used as dual bridge or reconfigured, by connecting pin CONFIG to pins VDD, as a single bridge with double-current capability or as a half bridge (binary mode) with half-current capability.

The device is intended for the output stage of a stereo all-digital high-efficiency amplifier. It is capable of delivering 200 W + 200 W into 6-Ω loads with THD = 10% at VCC = 51 V or, in single

BTL configuration, 400 W into a 3-Ω load with THD = 10% at VCC = 52 V.



Features

Low input/output pulse-width distortion

200 mΩ RdsON complementary DMOS output stage

CMOS-compatible logic inputs

Thermal protection

Thermal warning output

Undervoltage protection

 




Similar Part No. - STA516B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA516B STMICROELECTRONICS-STA516B Datasheet
627Kb / 21P
65 V, 7.5 A quad power half bridge
16-Nov-2020
STA516B13TR STMICROELECTRONICS-STA516B13TR Datasheet
627Kb / 21P
65 V, 7.5 A quad power half bridge
16-Nov-2020
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
STA516BE STMICROELECTRONICS-STA516BE Datasheet
468Kb / 23P
500 W FFX digital amplifier power stage
16-Nov-2020
STA516BE13TR STMICROELECTRONICS-STA516BE13TR Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
More results


Similar Description - STA516B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
logo
Cirrus Logic
CS44130 CIRRUS-CS44130 Datasheet
349Kb / 23P
60 W Quad Half-Bridge Digital Amplifier Power Stage
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
60 V 6 A quad power half bridge
19-Mar-2007
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
44-V, 5.5-A, quad power half bridge
13-Dec-2007
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Infineon Technologies A...
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
44-V, 5.5-A, quad power half-bridge
02-Sep-2011
logo
Texas Instruments
CSD88599Q5DC TI1-CSD88599Q5DC Datasheet
656Kb / 23P
60-V Half-Bridge NexFET Power Block
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com