Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4269GL Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TLE4269GL
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4269GL Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TLE4269GL Datasheet HTML 6Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 7Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 8Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 9Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 10Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 11Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 12Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 13Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TLE 4269
Semiconductor Group
10
1998-11-01
Characteristics (cont’d)
V
I = 13.5 V; Tj = – 40 °C< Tj < 125 °C
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
min.
typ.
max.
Delay time L
→ H
t
d
17
28
–ms
C
D =100 nF
Delay time H
→ L
t
t
–1
–
µs
C
D =100 nF
Switching voltage
V
re
1.26
1.35
1.44
V
V
Q >3.5 V
Input Voltage Sense
Sense threshold high
V
si, high
1.24
1.31
1.38
V
–
Sense threshold low
V
si, low
1.16
1.20
1.28
V
–
Sense output
low voltage
V
SO, low
–0.1
0.4
V
V
SI <1.20 V;
V
i >3V
R
intern
Sense pull up
–
10
20
40
k
Ω
–
Sense input current
I
SI
–
10.1
1
µA
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com