Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4269GL Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # TLE4269GL
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4269GL Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button TLE4269GL Datasheet HTML 11Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 12Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 13Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 14Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 15Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 16Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 17Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 18Page - Siemens Semiconductor Group TLE4269GL Datasheet HTML 19Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Semiconductor Group
15
1998-11-01
TLE 4269
Output Current
I
Q versus
Input Voltage
V
I
Current Consumption
I
q versus
Output Current
I
Q
Current Consumption
I
q versus
Output Current
I
Q
AED01810
0
Ι
Q mA
10
20
30
40
V50
0
=25 C
Ι
V
50
100
150
200
250
300
350
C
125
=
j
T
j
T
AED01812
0
Ι
q
mA
0
=25 C
Ι
Q
13.5 V
=
VΙ
mA
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
20
30
40
50
j
T
AED01811
0
Ι
q
mA
0
=25 C
Ι
Q
13.5 V
=
VΙ
20
40
60
80
120
mA
2
4
6
8
10
12
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com