Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4270D Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4270D
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4270D Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4270D Datasheet HTML 1Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 2Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 3Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 4Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 5Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 6Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 7Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 8Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
P-TO220-5-11
(P-TO220-5-1)
P-TO220-5-12
(P-TO220-5-2)
P-TO263-5-1
(P-TO220-5-8)
P-TO252-5-1 (D-PAK)
5-V Low-Drop Fixed Voltage Regulator
TLE 4270
Semiconductor Group
1
1998-11-01
Features
• Output voltage tolerance
≤ ± 2 %
• Low-drop voltage
• Integrated overtemperature protection
• Reverse polarity protection
• Input voltage up to 42 V
• Overvoltage protection up to 65 V (
≤ 400 ms)
• Short-circuit proof
• Suitable for use in automotive electronics
• Wide temperature range
• Adjustable reset time
• ESD protection
> 4000 V
w Not for new design
q New type
Functional Description
This device is a 5-V low-drop fixed-voltage regulator.
The maximum input voltage is 42 V (65 V,
≤ 400 ms).
Up to an input voltage of 26 V and for an output current
up to 550 mA it regulates the output voltage within a
2 % accuracy. The short circuit protection limits the
Type
Ordering Code
Package
TLE 4270
Q67000-A9209-A903 P-TO220-5-11
TLE 4270 S
Q67000-A9243-A904 P-TO220-5-12
TLE 4270 G
Q67006-A9201-A901 P-TO263-5-1
w TLE 4270
Q67000-A9209-A801 P-TO220-5-1
w TLE 4270 S
Q67000-A9243-A802 P-TO220-5-2
w TLE 4270 G
Q67006-A9201-A802 P-TO220-5-8
q TLE 4270 D
Q67006-A9360
P-TO252-5-1
output current of more than 650 mA. The device incorporates overvoltage protection
and temperature protection that disables the circuit at unpermissibly high temperatures.


Similar Part No. - TLE4270D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4270-2 INFINEON-TLE4270-2 Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2D INFINEON-TLE4270-2D Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2G INFINEON-TLE4270-2G Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE42702DATMA1 INFINEON-TLE42702DATMA1 Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
More results

Similar Description - TLE4270D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com