Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4270D Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4270D
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4270D Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4270D Datasheet HTML 1Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 2Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 3Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 4Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 5Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 6Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 7Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 8Page - Siemens Semiconductor Group TLE4270D Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLE 4270
Semiconductor Group
2
1998-11-01
Pin Configuration
(top view)
Figure 1
Pin Definitions and Functions
Pin
Symbol
Function
1
I
Input; block to ground directly on the IC with ceramic capacitor
2RO
Reset Output; the open collector output is connected to the 5 V output
via an integrated resistor of 30 k
Ω.
3GND
Ground; internally connected to heatsink.
4D
Reset Delay; connect a capacitor to ground for delay time adjustment.
5Q
5-V Output; block to ground with 22
µF capacitor, ESR < 3 Ω.
AEP01922
Ι
RO
GND
D
Q
15
P-TO263-5-1
(P-TO220-5-8)
AEP01923
Ι
RO
GND
D
Q
5
1
P-TO220-5-11
(P-TO220-5-1)
P-TO220-5-12
(P-TO220-5-2)
AEP02172
RO
GND
D
Q
5
1
Ι
P-TO252-5-1 (D-PAK)
AEP02580
15
RO
Ι
DQ
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com