Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4470 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4470 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLE 4470
Semiconductor Group
8
1998-11-01
Note: In the operating range the functions given in the circuit description are fulfilled.
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Stand-by regulator
input voltage
V
I1
5.6
45
V
–
Main regulator
input voltage
V
I2
V
Qnom +
0.6 V
45
V
–
Stand-by regulator
output current
I
Q1
0
180
mA
–
Main regulator
output current
I
Q2
0
350
mA
–
Disable input voltage
V
DIS
– 0.3
45
V
–
Sense input voltage
V
SI
– 0.3
17
V
–
Junction temperature
T
j
– 40
150
°C–
Thermal Resistances
Junction pin
R
thj-pin
–
25
K/W
Measured to pin 4
Junction ambient
R
thj-a
–65
K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com