Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 18 Page - Siemens Semiconductor Group

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4470 Datasheet(HTML) 18 Page - Siemens Semiconductor Group

Back Button TLE4470 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 17Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 18Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 19Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 20Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 21Page - Siemens Semiconductor Group TLE4470 Datasheet HTML 22Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TLE 4470
Semiconductor Group
18
1998-11-01
Output Voltage
V
Q1, VQ2 versus Input
Voltage
V
I (VI1 = VI2)
Current Consumption
I
q versus Input
Voltage
V
I
Current Consumption
I
q versus
Output 1 Current
I
Q1 (low load)
Current Consumption
I
q versus
Output 1 Current
I
Q1 (high load)
AED02495
0
0
=
V
V
Q
1
2
3
4
5
6
V
VΙ
Ι
24
68
10
V
Q
V
Q1
V
/VQ2
= 5 V
V
Q2nom
=
Q1nom
V
j
T
= 25 ˚C
= 10 mA
Ι
Q1
Q2
Ι = 10 mA
AED02496
0
0
V
Ι
q
1
2
3
4
5
6
mA
Ι
V
j
T
= 25 ˚C
10
20
30
40
< 1 mA
Ι
Q1
Q2
Ι = 10 mA
AED02497
0
0
= 25 ˚C
Ι
Ι
q
500
1000
2000
2500
3000
A
T
j
Q1
Ι
V = 13.5 V
OFF
V
Q2
mA
µ
10
20
30
40
1500
AED02498
0
0
Ι
Ι
q
5
10
15
20
25
30
mA
Q1
50
100
150
200
250
mA
Q2
V
OFF
= 13.5 V
VΙ
j
T = 25 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com