Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4286 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4286
Description  5-V Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4286 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4286 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLE 4286 G
Semiconductor Group
2
1998-11-01
Pin Configuration
(top view)
Figure 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1INH
Inhibit input; H for active (
V
Q = 5 V) and L for stand-by
2GND
Ground; internally connected to pin 5
3I
Input voltage
4Q
Output voltage; must be blocked by a capacitor
C
Q ≥ 1 µF, ESR ≤ 10 Ω to GND
5GND
Ground; internally connected to pin 2
SCT-595
1
2
3
4
5
INH
GND
GND
Ι
AEP02253
Q



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com