Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4286 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE4286
Description  5-V Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4286 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE4286 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4286 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLE 4286 G
Semiconductor Group
4
1998-11-01
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
1)
Package mounted on PCB 40 mm
× 40 mm × 1.5 mm / 6 cm2 Cu (thickness Cu = 35 µm)
Absolute Maximum Ratings
–40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Input
Voltage
V
I
– 0.3
45
V
–
Current
I
I
– 20
*
mA
* internally limited
Output
Voltage
V
Q
– 0.3
16
V
–
Current
I
Q
– 20
*
mA
* internally limited
Inhibit
Voltage
V
INH
– 40
45
V
–
Current
I
INH
– 500
*
µA
* internally limited
Current
I
INH
– 5
5
mA
– 0.3 V <
V
I < 45 V;
t
p < 1 ms
Temperatures
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal Resistances
Junction pin
R
thj-pin
–
30
K/W measured to pin 5
Junction ambient
R
thja
–55
K/W
1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com