Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5207G Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE5207G
Description  5-A DC Motor Driver with Inhibit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5207G Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE5207G Datasheet HTML 4Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 9Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 10Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 11Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TLE 5207
Semiconductor Group
8
1998-02-01
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
j = 25 °C and
the given supply voltage.
1) Values for RDSON are for t > 100
µs after applying + V
S and t > 400 µs after changing from VI1 = VI2 = L to VI1
or
VI2 = H.
Outputs
R
DSON (Source)
R
DSON (Source)
R
DSON (Source)
R
DSON (Source)
Diode forward
voltage
Diode forward
voltage
–
–
–
–
V
FU
V
FL
–
–
–
–
–
–
–
–
–
–
–
–
0.4
0.65
0.4
0.65
1.5
1.5
Ω
Ω
Ω
Ω
V
V
V
S > 6 V; Tj = 25 °C
1)
V
S > 6 V; Tj = 150 °C
1)
V
S > 6 V; Tj = 25 °C
1)
V
S > 6 V; Tj = 150 °C
1)
I
F = 3 A
I
F = 3 A
Characteristics (cont’d)
V
S = 6 to 18 V; Tj = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com