Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5207G Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE5207G
Description  5-A DC Motor Driver with Inhibit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5207G Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE5207G Datasheet HTML 1Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 2Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 3Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 4Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5207G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLE 5207
Semiconductor Group
3
1998-02-01
Circuit Description
Input Circuit
The control inputs consist of TTL/CMOS-compatible Schmitt triggers with hysteresis.
Buffer amplifiers are driven by these stages and convert the logic signal into the
necessary form for driving the power output stages.In case of low potential at both inputs
the device is switched in inhibit-condition with very low current consumption.
Output Stages
The output stages from a switched H-bridge. Protective circuits make the outputs short-
circuit proof from ground up to a supply voltage of 16 V. Positive and negative voltage
spikes, which occur when switching inductive loads, are limited by integrated power
diodes.
Monitoring and Protective Functions
An internal circuit ensures that all output transistors are turned-OFF if the supply voltage
is below the operating range.
A monitoring circuit for each output transistor detects whether the particular transistor is
active and in this case prevents the corresponding source transistor (sink transistor) from
conducting in sink operation (source operation). This effectively guards against
crossover currents. Pulse-width operation is possible up to a maximum switching
frequency of 1 kHz for any load.
Depending on the load current higher frequencies are possible.
Functional Truth Table
I1
I2
Q1
Q2
Comments
L
L
Z
Z
Device in inhibit condition with very low current
consumption; outputs in tristate condition (high impedance)
L
H
L
H
Motor turns clockwise
H
L
H
L
Motor turns counterclockwise
H
H
H
H
Motor brake; both high side transistors turned-ON
Notes for Output Stage
Symbol
Value
L
Low side transistor is turned-ON; High side transistor is turned-OFF
H
High side transistor is turned-ON; Low side transistor is turned-OFF
Z
High side transistor and Low side transistor are turned-OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com