Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5250 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # TLE5250
Description  2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5250 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button TLE5250 Datasheet HTML 9Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 10Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 11Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 12Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 13Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 14Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 15Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 16Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLE 5250
Semiconductor Group
13
1998-02-01
Characteristics
V
S = 6 to 25 V; TJ ≤ 150 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Supply current
I
S
–
–
11
mA
Enable = High
Output Q1, Q2
Turn-on resistance of output
transistors
R
DS ON
0.3
–
0.5
Ω
I = 2.5 A, 150
°C
Phase deadtime
t
D
–10
–
µs–
Diode forward voltage
output
to + V
S
VFQ
––1.5
V
I
FH = 2.5 V
Diode forward voltage
actual-current pin to output
–
––1.5
V
I
FH = 2.5 V
Nominal Current
Input current
I
I8
012
µA–
Offset voltage measured for
0 V actual/nominal pin
V
I(8 – 4)
– 4
–
8
mV
–
Actual Current
Turn-off delay of nom/act
comparator
t
d
––0.5
µs–
Common-mode error
V
Comm
– 5
–
10
mV
–
RC/Sync
Sync frequency
f
–20
100
kHz
–
Trigger threshold
lower
upper
V
tL
V
tH
0.8
1.7
–
–
1
2
V
V
–
–
Maximum charge voltage
V
Chm
2.2
2.3
2.4
V
R = 39 k
Ω
C = 820 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com