Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D331K20Y5PL6.J5. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # D331K20Y5PL6.J5.
Description  D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D331K20Y5PL6.J5. Datasheet(HTML) 5 Page - Vishay Siliconix

  D331K20Y5PL6.J5. Datasheet HTML 1Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 2Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 3Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 4Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 5Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28513
44
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
REEL AND TAPE DATA in millimeters
45 max.
28 ± 1.5
355.6 ± 2.0
51 max.
8.0
Reel with capacitors on tape
290
335
50
Ammopack with capacitors on tape



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com