Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D331K20Y5PL6.J5. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D331K20Y5PL6.J5.
Description  D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D331K20Y5PL6.J5. Datasheet(HTML) 3 Page - Vishay Siliconix

  D331K20Y5PL6.J5. Datasheet HTML 1Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 2Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 3Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 4Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 5Page - Vishay Siliconix D331K20Y5PL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28513
42
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
Note
(1) SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack.
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Z5U
1000
± 20
5.0
5.0
4.0
D102M20Z5UL6.J5.
1500
D152M25Z5UL6.J5.
2200
D222M25Z5UL6.J5.
3300
7.5
D332M29Z5UL6.J5.
4700
8.5
D472M33Z5UL6.J5.
6800
10.0
D682M39Z5UL6.J5.
10 000
11.0
D103M43Z5UL6.J5.
15 000
13.5
7.5
D153M53Z5UL6.J7.
22 000
15.0
D223M59Z5UL6.J7.
CLASS 2 X5F
1 00
± 10
5.0
5.0
4.0
D101K20X5FL6.J5.R.
2 20
D221K20X5FL6.J5.R.
330
D331K20X5FL6.J5.R.
470
6.5
D471K25X5FL6.J5.R.
680
D681K25X5FL6.J5.R.
1000
7.5
D102K29X5FL6.J5.R.
2200
10.0
D222K39X5FL6.J5.R.
3300
12.0
7.5
D332K47X5FL6.J7R.
4700
13.5
4.8
D472K53X5FL6.J7R.
ORDERING INFORMATION (PREFERED TYPES), CLASS 2, 500 VDC, KINKED
PACKAGING
DMAX.
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
5.0 (0.20")
20
1000
2000
2000
6.5 (0.25")
25
7.5 (0.29")
29
8.5 (0.33")
33
10.0 (0.39")
39
11.0 (0.43")
43
12.0 (0.47")
47
13.5 (0.53")
53
500
-
-
15.0 (0.59")
59
17.5 (0.69")
69



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com