Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950CS Datasheet(PDF) 1 Page - Sipex Corporation

Part # LP2950CS
Description  100 mA Low Dropout Voltage Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950CS Datasheet(HTML) 1 Page - Sipex Corporation

  LP2950CS Datasheet HTML 1Page - Sipex Corporation LP2950CS Datasheet HTML 2Page - Sipex Corporation LP2950CS Datasheet HTML 3Page - Sipex Corporation LP2950CS Datasheet HTML 4Page - Sipex Corporation LP2950CS Datasheet HTML 5Page - Sipex Corporation LP2950CS Datasheet HTML 6Page - Sipex Corporation LP2950CS Datasheet HTML 7Page - Sipex Corporation LP2950CS Datasheet HTML 8Page - Sipex Corporation LP2950CS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Now Available in Lead Free Packaging
Rev. 8/10/01
LP2950/51 100mA Low Dropout Voltage Regulators
©Copyright 2001 Sipex Corporation
1
INPUT
OUTPUT
UNREGULATED DC
SHUTDOWN
GROUND
ERROR
______
SENSE
5V @ 100mA
MAX
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
1.23V
FROM
CMOS OR
TTL
+
+
+
+
+
+
60 mV
3
7
8
1
2
6
5
4
60k
Ω
330k
Ω
180k
Ω
.
.
1
µF
_
_
FEEDBACK
5V TAP
LP2950/LP2951
100mA Low Dropout Voltage Regulators
FEATURES
APPLICATIONS
• 5.0V and 3.3V Versions at 100mA Output
• Battery Powered Systems
• Very Low Quiescent Current
• Cordless Telephones
• Low Dropout Voltage: 380mV at 100mA
• Radio Control Systems
• Extremely Tight Load and Line Regulation
• Portable/Palm Top/Notebook Computers
• Very Low Temperature Coefficient
• Portable Consumer Equipment
• Current & Thermal Limiting
• Portable Instrumentation
• Need Only 1 µF for Stability
• Avionics
• Offered in TO-92 (LP2950) & SOIC (LP2951)
• SMPS Post-Regulator
• Direct Replacement For LP2950/LP2951
• Voltage Reference
• Automotive Electronics
LP2951 versions only
• Error Flag Warns of Output Dropout
• Logic-Controlled Electronic Shutdown
• Output Programmable From 1.24 to 29V
PRODUCT DESCRIPTION
The LP2950 and LP2951 are low power voltage regulators. These devices are an excellent choice for use in battery-powered
applications such as cordless telephones, radio control systems, and portable computers. The LP2950 and LP2951 feature low
quiescent current and low dropout voltage (typ. 50mV at light load and 380 mV at 100mA). This includes a tight initial tolerance
(0.5% typ.), extremely good load and line regulation (0.05% typ.), and very low output temperature coefficient (20 ppm/¡C typ.),
making the LP2950/LP2951 useful as a low-power voltage reference.
The error flag output feature is used as a power-on reset for warning of a low output voltage, due to a falling input voltage. The logic-
compatible shutdown feature enables the regulator to be switched ON and OFF. The LP2950 is offered in a 3-pin TO-92 package
compatible with other 5V, 3.3V regulators. The LP2951 is available in an 8-lead SOIC package.
Block diagram of LP2951


Similar Part No. - LP2950CS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LP2950CS FCI-LP2950CS Datasheet
592Kb / 8P
LOWDrop Out Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950CS-3 ADMOS-LP2950CS-3 Datasheet
137Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950CS-33 ADMOS-LP2950CS-33 Datasheet
137Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LP2950CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
422Kb / 8P
180 mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
B4600 ETC-B4600 Datasheet
192Kb / 6P
600 mA Low Dropout Voltage Regulators
B4500 ETC-B4500 Datasheet
64Kb / 6P
500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVTG4 TI-TPS76150DBVTG4 Datasheet
436Kb / 16P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
LP2981-28 TI1-LP2981-28 Datasheet
1Mb / 22P
100-mA Ultra-Low Dropout Regulators With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com