Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950CS Datasheet(PDF) 11 Page - Sipex Corporation

Part # LP2950CS
Description  100 mA Low Dropout Voltage Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950CS Datasheet(HTML) 11 Page - Sipex Corporation

Back Button LP2950CS Datasheet HTML 5Page - Sipex Corporation LP2950CS Datasheet HTML 6Page - Sipex Corporation LP2950CS Datasheet HTML 7Page - Sipex Corporation LP2950CS Datasheet HTML 8Page - Sipex Corporation LP2950CS Datasheet HTML 9Page - Sipex Corporation LP2950CS Datasheet HTML 10Page - Sipex Corporation LP2950CS Datasheet HTML 11Page - Sipex Corporation LP2950CS Datasheet HTML 12Page - Sipex Corporation LP2950CS Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev. 8/10/01
LP2950/51 100mA Low Dropout Voltage Regulators
©Copyright 2001 Sipex Corporation
11
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP > 125)
OR
RELAY
8.2K
TEMP
SENSOR
GND
V OUT
FB
SD
+V
IN
+V IN
10K
5 DEGREE SHUTDOWN FLAG
ERROR
_______
3
5
8
4
7
1
AUX SHUTDOW
INPUT
OFF
ON
Ω
AS35
+
-
LP2951
Ω.
.
330K
IN
V
OUT
FB
6
8
1
4.7
µF
+
7
Ω
Ω
27K
LP2951
V
TAP
GND
SENSE
4
2
UNREGULATED INPUT
2N5432
5V
OUTPUT
LOAD
50mA
TO
300 mA
(2)
360K
0.1
µF
V
OUT
MIN VOLTAGE = 4V
+V
IN
8
1
FB
7
1N4001
20mA
1N457
4.7mA
+5V
OUTPUT
2
GND
4
4
LP2951
Ω
LP2950/LP2951
TYPICAL APPLICATIONS (continued)
Figure 7. System Over Temperature Protection
Figure 8. Open Circuit Detector for 4mA to 20mA Current
Loop
Figure 9. 300mA Regulator with 0.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com